PART |
Description |
Maker |
ADP1111ANZ-5 ADP1111ARZ-5-REEL ADP1111ARZ-12-REEL |
Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: PDIP; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower, Step-Up/Step-Down SW lator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
LM2574DW-ADJ LM2574N-5 LM2574_D ON0293 |
EASY SWITCHER 0.5 A STEP-DOWN VOLTAGE REGULATOR 0.5 A STEP-OWN VOLTAGE REGULATOR From old datasheet system
|
ON Semiconductor
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
LT1765 LT1765-1.8 LT1765-2.5 LT1765-3.3 LT1765-5 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 Monolithic 3A/ 1.25MHz Step-Down Switching Regulator Monolithic 3A, 1.25MHz Step-Down Switching Regulator
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
LTC1709-85 LTC1709-7 LTC1709 1709F |
2-Phase, 5-Bit Adjustable,High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system 2-Phase, 5-Bit Adjustable Switching Regulator 2-Phase, Mobile VID, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, VRM8.4, High Efficiency, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
LTC3604EUDPBF LTC3604IUDPBF LTC3604IMSE LTC3604IMS |
2.5A, 15V Monolithic Synchronous Step-Down Regulator SWITCHING REGULATOR, PQCC16
|
LINEAR TECHNOLOGY CORP
|
BP5220XA BP5221XA |
Regulator LSIs > General purpose regulator module > Step-down DC/DC converter (Power modules)
|
ROHM
|